Part Number Hot Search : 
MCP450 10PBF DS1640 C895125Q CVA2404T VMU1934 AIV10 UG2002
Product Description
Full Text Search
 

To Download CHB50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S
E
R
I
E
S
Specifications
INPUT SPECIFICATIONS:
Input Voltage Range........................................................ 12V............9-18V 24V............18-36V 48V............ 36-75V Undervoltage lockout .............................. 12Vin power up ...............8.8V power down .................8V 24Vin power up ............... 17V power down ............. 16V 48Vin power up ............... 34V power down ............. 32.5V Positive Logic Remote ON/OFF ( see note 3 & 4 ) Input Filter ......................................................................................... PI Type
25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
OUTPUT SPECIFICATIONS:
Voltage Accuracy : ..................................................................... 1% max. Transient Response :25% Step Load Change ..........................<500 sec. External Trim Adj. Range ......................................................................10% Ripple & Noise, 20MHz BW, 2.5V & 3.3V & 5V .............. 20mV RMS., max. 75mV pk-pk, max. 12V & 15V .......................... 30mV RMS., max. 100mV pk-pk, max. 24V .......................... 100mV RMS., max. 240mV pk-pk, max. Temperature Coefficient............................................................ 0.03%/C Short Circuit Protection..............................................................Continuous Line Regulation1 ..........................................................................0.2% max. Load Regulation2 .......................................................................0.2% max. Over Voltage Protect trip Range, % Vo nom.............................115-140% Current Limit .................................................110% ~150% Nominal Output
NOTE:
1. Measured From High Line to Low Line. 2. Measured From Full Load to Zero Load. 3. Logic Compatibility .... Open Collector ref to -Input. Module ON ....................Open Circuit Module OFF................... <0.8Vdc 4. Suffix "N" to the Model Number with Negative Logic Remote ON/OFF.
Only for Nominal Input Voltage 24 & 48 VDC
Features
* * * * 25W/50W Isolated Output Efficiency to 85% 300KHz Switching Frequency 2 : 1 Input Range * * * * Regulated Outputs Continuous Short Circuit Protection Five-Sided Metal Case Industry Standard Half-Brick Package
CASE HB
MODEL NUMBER CHB50-12S25 CHB50-12S33 CHB50-12S05 9-18 VDC CHB50-12S12 CHB50-12S15 CHB50-12S24 CHB50-24S25 CHB50-24S33 CHB50-24S05 18-36 VDC CHB50-24S12 CHB50-24S15 CHB50-24S24 CHB50-48S25 CHB50-48S33 CHB50-48S05 36-75 VDC CHB50-48S12 CHB50-48S15 CHB50-48S24 INPUT VOLTAGE OUTPUT VOLTAGE 2.5 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 2.5 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC 2.5 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 24 VDC OUTPUT CURRENT 10A 10A 10A 50 mA 4.16A 3.33A 2.08A 10A 10A 10A 50 mA 4.16A 3.33A 2.08A 10A 10A 10A 4.16A 3.33A 2.08A 50 mA 2450 mA 2450 mA 2419 mA 676 mA 870 mA 1250 mA 1220 mA 1220 mA 1209 mA 85 85 86 77 79 83 85 85 86 HB
HIGH SIGNAL HERE DISABLE OUTPUT -VIN (4) +SENSE (8) TRIM DOWN ON/OFF (2) TRIM (7) TRIM UP -SENSE (6) -SENSE (6) TRIM (7) 10K ohms TRIMPOT
INPUT CURRENT NO LOAD FULL LOAD 2740 mA 3525 mA 5145 mA 4950 mA 4950 mA 4950 mA 1353 mA 1740 mA 2540 mA
%EFF
CASE
All Dimensions In Inches(mm) Tolerances Inches Millimeters .XX.02 .X.5 .XXX.01 .XX.25
Pin 0.02 0.5
76 78 81 HB 84 84 84 77 79 82 HB
Mounting Inserts M3*0.5 Through 4pl.
BOTTOM VIEW
0.18 min. (4.60) 2*R1.50
PIN CONNECTION
Pin 1. 2. 3. 4. 5. 6. 7. 8. 9. Function +Vin ON/OFF CASE -Vin -Vout -Sense Trim +Sense +Vout
4 1.40 (35.56) 2.00 (50.80) 3 0.60 (15.24) 2 1
5 6 7 8 9 2.40 (61.00) O0.08 (2.03) 2pl.
O0.04 (1.02) 7pl.
1.90 (48.25) 2.28 (57.90) 0.50 (12.70)
External Output Trim
+SENSE (8)
Remote ON/OFF Control
69
NOTE : 1. Nominal Input Voltage 12, 24 & 48 VDC
70

ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de
Anderungen vorbehalten / subject to change without notice
All Specifications Typical At Nominal Line, Full Load and 25C Unless Otherwise Noted.
CHB50
CHB50
GENERAL SPECIFICATIONS:
Efficiency....................................................................................See Table Isolation Voltage ...........................Input/Output............ 1500VDC min. Input/Case................ 1500VDC min. Output/Case............ 1500VDC min. Isolation Resistance ............................................................ 107 ohm min. Switching Frequency ..................(12/24)Vin....................... 400KHz, Typ. 48Vin............................... 300KHz, Typ. Operating Case Temperature ....................................... -40C to 100C Storage Temperature .................................................. -55C to +105C Thermal Shutdown, Case Temp. ...........................................100C Typ. Dimensions ............................................................2.28x2.40x0.50 inches (57.9x61.0x12.7 mm) Case Material ..........................................................................Aluminum
Application Note
Derating The operating case temperature range of the CHB50 series is -40C to +100C. When operating the CHB50 , proper derating or cooling is needed . Following is the derating curve of CHB50 without heat sink.
Remote ON/OFF Control
The CHB50 series allows the user to switch the module on and off electronically with remote on/off feature. The CHB50 series are available with "positive logic" or "negative logic" (option).
Logic Table
ON/OFF (2)
Logic State
(PIN 2)
Negative Logic
Positive Logic
Logic Low Power Dissipated vs Ambient Temperature and Air Flow
15 Power Disspated, Pd (Watts) Natural Convection 20 ft./min. (0.1 m/s) 100 ft./min. (0.5 m/s) 10 200 ft./min. (1.0 m/s) HIGH SIGNAL HERE DISABLE OUTPUT -VIN (4)
Switch Closed Logic High Switch Open
Module on
Module off
Module off
Module on
5
300 ft./min. ( 1.5 m/s)
External Output Trimming
Output may optionally be externally trimmed
400 ft./min. (2.0 m/s) 0 0 10 20 30 40 50 60 70 80 90 100
(10%) with a fixed resistor or an external trimpot as shown.
+SENSE (8) TRIM DOWN TRIM (7)
+SENSE (8)
Ambient Temperature, Ta(Deg. C)
TRIM (7)
Forced Convection Power Derating with No Heat Sink
10K ohms TRIMPOT
TRIM UP -SENSE (6) -SENSE (6)
Where: The power dissipation (Pd): Pd = Pi - Po = Po (1)/
External Output
The thermal resistance are list below:
Chart of Thermal Resistance vs Air Flow:
AIR FLOW RATE Natural Convection 100 ft./min. 200 ft./min. 300 ft./min. 400 ft./min. TYPICAL Rca 7.12 C/W 6.21 C/W 5.17 C/W 4.29 C/W 3.64 C/W
Output Noise
The output noise is measured with 10F tantalum capacitor and 1.0F ceramic capacitor across output.
+Vout (9)
Ceramic 1.0F
Resistor Load
The temperature rise (
T ): T = Pd * Rca
Solid Tantalum 10F -Vout (5) To Scope
Output Noise Test Circuit schematic
71
All Specifications Typical At Nominal Line, Full Load and 25C Unless Otherwise Noted.
72
CHB50


▲Up To Search▲   

 
Price & Availability of CHB50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X